PART |
Description |
Maker |
SI5330A-A00200-GM SI5330A-A00202-GM SI5330F-A00216 |
1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs
|
Silicon Laboratories
|
MCP6542 MCP6542-I/MS MCP6542-I/P MCP6542-I/SN MCP6 |
The MCP6544 is a Push-pull, quad comparator. This single-ended device operates from 1.6V to 5.5V,with typical quiescent current of ... The MCP6541 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... Push-Pull Output Sub-Microamp Comparators The MCP6544 is a Push-pull, quad comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the 16 lead PDIP, SOIC and 14 lead TSSOP pack The MCP6543 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the eight lead PDIP, SOIC and MSOP package, The MCP6542 is a Push-pull, dual comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the eight lead PDIP, SOIC and MSOP package. The MCP6541 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the eight lead PDIP, SOIC, MSOP and five le The MCP6543 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V,with typical quiescent current ... The MCP6542 is a Push-pull, dual comparator. This single-ended device operates from 1.6V to 5.5V,with typical quiescent current of ... From old datasheet system IC,VOLT COMPARATOR,DUAL,CMOS,TSSOP,8PIN,PLASTIC
|
Microchip Technology Inc.
|
MAX1286 MAX1286EKA-T MAX1287 MAX1287EKA-T MAX1288 |
150ksps / 12-Bit / 2-Channel Single-Ended / and 1-Channel True-Differential ADCs in SOT23 "150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True- Differential ADCs in SOT23" 150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Linear Technology, Corp.
|
TDA1558Q |
2 x 22 W or 4 x 11 W single-ended
|
Philips
|
B41853W7827M012 B41853 B41853R6228M001 B41853R6228 |
Single-ended capacitors
|
EPCOS[EPCOS]
|
B41867A8477M00 B41867 B41867A3108M00 B41867A3227M0 |
Single-Ended Capacitors
|
http:// EPCOS[EPCOS]
|
ICS83056I 83056AGI 83056AIL ICS83056AGI ICS83056AG |
6:1, SINGLE-ENDED MULTIPLEXER
|
ICST[Integrated Circuit Systems]
|
TFS122003 TFS1220-03 |
The filter is single ended driven
|
Vectron International, Inc Vectron International, ...
|
ICS83054I-01 |
4-BIT, 2:1, SINGLE-ENDED MULTIPLEXER
|
ICS
|
IT3012 |
differential-to-single-ended amplifier
|
Iterra
|
|